Part Number Hot Search : 
2SA1701U RF2337 NDL5510 20018 EMH2308 23N10 MBR1545 L20PF
Product Description
Full Text Search
 

To Download 0678005001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0678005001 Active
serial_ata_products 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm (.063") PCB, with PCB Locator Pegs, Lead-free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR 19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name PCB Headers 67800 Board-to-Board, Wire-to-Board Staggered Solder Pin|Metal Post Length 2.65mm (.104") serial_ata_products Serial ATA
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable No 7 7 Black 50 Yes 94V-0 No No Yes Yes Brass Gold Tin High Temperature Thermoplastic 1 Vertical Yes Yes Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 2 0.05 75 1.9 Yes Yes Fully No
Search Parts in this Series 67800Series
Temperature Range - Operating Termination Interface: Style
-35C to +85C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Solder Process Data
Lead-free Process Capability Reflow Capable (SMT only)
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-67800-001 SD-67800-005
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0678005001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X